Part Number Hot Search : 
HER506 PCHMB MJ15023G 2SC3269 C3709 74HC132 SMDA05CT 090327
Product Description
Full Text Search
 

To Download IRFZ48NS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRFZ48NS irfz48nl power mosfet  advanced process technology  surface mount (IRFZ48NS)  low-profile through-hole (irfz48nl)  175c operating temperature  fast switching  fully avalanche rated the d 2 pak is a surface mount power package capable of accommodating die sizes up to hex-4. it provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. the d 2 pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0w in a typical surface mount application. the through-hole version (irfz48nl) is available for low- profile applications. description v dss = 55v r ds(on) = 0.014 ? i d = 64a 2 d pak to-262 s d g parameter typ. max. units r qjc junction-to-case ??? 1.15 r qja junction-to-ambient ( pcb mounted,steady-state)** ??? 40 thermal resistance c/w absolute maximum ratings parameter max. units i d @ t c = 25 c continuous drain current, v gs @ 10v 64 i d @ t c = 100 c continuous drain current, v gs @ 10v 45 a i dm pulsed drain current  210 p d @t a = 25 c power dissipation 3.8 w p d @t c = 25 c power dissipation 130 w linear derating factor 0.83 w/ c v gs gate-to-source voltage 20 v i ar avalanche current  32 a e ar repetitive avalanche energy  13 mj dv/dt peak diode recovery dv/dt  5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c 2014-8-10 1 www.kersemi.com
IRFZ48NS/irfz48nl parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 55 ??? ??? vv gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.058 ??? v/ c reference to 25 c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? ??? 14 m ? v gs = 10v, i d = 32a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 24 ??? ??? sv ds = 25v, i d = 32a  ??? ??? 25 a v ds = 55v, v gs = 0v ??? ??? 250 v ds = 44v, v gs = 0v, t j = 150 c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v q g total gate charge ??? ??? 81 i d = 32a q gs gate-to-source charge ??? ??? 19 nc v ds = 44v q gd gate-to-drain ("miller") charge ??? ??? 30 v gs = 10v, see fig. 6 and 13 t d(on) turn-on delay time ??? 12 ??? v dd = 28v t r rise time ??? 78 ??? i d = 32a t d(off) turn-off delay time ??? 34 ??? r g = 0.85 ? t f fall time ??? 50 ??? v gs = 10v, see fig. 10  nh between lead, and center of die contact c iss input capacitance ??? 1970 ??? v gs = 0v c oss output capacitance ??? 470 ??? v ds = 25v c rss reverse transfer capacitance ??? 120 ??? pf ? = 1.0mhz, see fig. 5 e as single pulse avalanche energy  ??? 700  190  mj i as = 32a, l = 0.37mh electrical characteristics @ t j = 25c (unless otherwise specified) l s internal source inductance ??? 7.5 ??? i gss ns i dss drain-to-source leakage current s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25 c, i s = 32a, v gs = 0v  t rr reverse recovery time ??? 68 100 ns t j = 25 c, i f = 32a q rr reverse recovery charge ??? 220 330 nc di/dt = 100a/s  t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 64 210 a  starting t j = 25 c, l = 0.37mh r g = 25 ? , i as = 32a. (see figure 12)  repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 )  i sd 32a, di/dt 220a/s, v dd v (br)dss , t j 175 c  pulse width 400s; duty cycle 2%.  this is the destructive value not limited to the thermal limit.  this is the thermal limited value. notes: 2014-8-10 2 www.kersemi.com
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 25 c j  top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 175 c j  top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 4 6 8 10 12 v = 25v 20 s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 64a 2014-8-10 3 www.kersemi.com IRFZ48NS/irfz48nl
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 0 500 1000 1500 2000 2500 3000 3500 v , drain-to-source volta g e (v) c, capacitance (pf) ds  v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss g s g d , ds rss g d oss ds g d c iss c oss c rss 0 20 40 60 80 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 32a v = 11v ds v = 27v ds v = 44v ds 0.1 1 10 100 1000 0.2 0.7 1.2 1.7 2.2 v ,source-to-drain volta g e (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j 1 10 100 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 i d , drain-to-source current (a) tc = 25 c tj = 175 c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec 2014-8-10 4 www.kersemi.com IRFZ48NS/irfz48nl
fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 25 50 75 100 125 150 175 0 10 20 30 40 50 60 70 t , case temperature ( c) i , drain current (a) c d v ds 90% 10% v gs t d(on) t r t d(off) t f v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. v gs + - v dd fig 10a. switching time test circuit fig 10b. switching time waveforms 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 2014-8-10 5 www.kersemi.com IRFZ48NS/irfz48nl
q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v gs fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 12c. maximum avalanche energy vs. drain current r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 60 120 180 240 300 360 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as  i d top bottom 13a 23a 32a 2014-8-10 6 www.kersemi.com IRFZ48NS/irfz48nl
peak diode recovery dv/dt test circuit p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -    r g v dd ? dv/dt controlled by r g ? i sd controlled by duty factor "d" ? d.u.t. - device under test d.u.t * circuit layout considerations ? low stray inductance ? ground plane ? low leakage inductance current transformer  * reverse polarity of d.u.t for p-channel v gs [ ] [ ] *** v gs = 5.0v for logic level and 3v drive devices [ ] *** fig 14. for n-channel hexfet ? power mosfets 2014-8-10 7 www.kersemi.com IRFZ48NS/irfz48nl
d 2 pak package outline d 2 pak part marking information 10.16 (.400) re f. 6.47 (.255) 6.18 (.243) 2.61 (.103) 2.32 (.091) 8.89 (.350) r e f. - b - 1.32 (.052) 1.22 (.048) 2.79 (.110) 2.29 (.090) 1.39 (.055) 1.14 (.045) 5.28 (.208) 4.78 (.188) 4.69 (.185) 4.20 (.165) 10.54 (.415) 10.29 (.405) - a - 2 1 3 15.49 (.610) 14.73 (.580) 3x 0.93 (.037) 0.69 (.027) 5.08 (.200) 3x 1.40 (.055) 1.14 (.045) 1.78 (.070) 1.27 (.050) 1.40 (.055) m ax. notes: 1 dimensions after solder dip. 2 dimensioning & tolerancing per ansi y14.5m, 1982. 3 controlling dimension : inch. 4 heatsink & lead dimensions do not include burrs. 0.55 (.022) 0.46 (.018) 0.25 (.010) m b a m minimum recommended footprint 11.43 (.450) 8.89 (.350) 17.78 (.700) 3.81 (.150) 2.08 (.082) 2x lead assignments 1 - ga te 2 - d r ain 3 - s ou rc e 2.54 (.100) 2x part number international rectifier logo date code (yyw w ) yy = year ww = week assembly lot code f530s 9b 1m 9246 a 2014-8-10 8 www.kersemi.com IRFZ48NS/irfz48nl
package outline to-262 outline to-262 part marking information 2014-8-10 9 www.kersemi.com IRFZ48NS/irfz48nl
tape & reel information d 2 pak 3 4 4 trr feed direction 1.85 ( .0 7 3 ) 1.65 ( .0 6 5 ) 1.60 ( .063 ) 1.50 ( .059 ) 4.10 ( .1 6 1 ) 3.90 ( .1 5 3 ) trl feed direction 10.90 ( .42 9 ) 10.70 ( .42 1 ) 16.10 ( .634 ) 15.90 ( .626 ) 1.75 ( .069 ) 1.25 ( .049 ) 11.60 ( .457 ) 11.40 ( .449 ) 15.42 ( .609 ) 15.22 ( .601 ) 4.72 ( .136 ) 4.52 ( .178 ) 24.30 ( .957 ) 23.90 ( .941 ) 0.368 ( .0145 ) 0.342 ( .0135 ) 1.60 ( .06 3 ) 1.50 ( .05 9 ) 13.50 ( .532 ) 12.80 ( .504 ) 330.00 ( 14.173 ) max. 27.40 ( 1.079 ) 23.90 ( .9 41 ) 60.00 ( 2.362 ) min . 30.40 ( 1.197 ) max. 26.40 ( 1.039 ) 24.40 ( .961 ) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. 2014-8-10 10 www.kersemi.com IRFZ48NS/irfz48nl


▲Up To Search▲   

 
Price & Availability of IRFZ48NS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X